Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6232 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSW6232
Description  General Purpose Differential 3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6232 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSW6232 Datasheet HTML 1Page - RF Micro Devices RFSW6232 Datasheet HTML 2Page - RF Micro Devices RFSW6232 Datasheet HTML 3Page - RF Micro Devices RFSW6232 Datasheet HTML 4Page - RF Micro Devices RFSW6232 Datasheet HTML 5Page - RF Micro Devices RFSW6232 Datasheet HTML 6Page - RF Micro Devices RFSW6232 Datasheet HTML 7Page - RF Micro Devices RFSW6232 Datasheet HTML 8Page - RF Micro Devices RFSW6232 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150623
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 9
RFSW6232
Evaluation Board Schematic 50MHz to 6000MHz Application Circuit
Evaluation Board Bill of Materials (BOM) 50MHz to 6000MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFSW6232-410(A) Evaluation Board
Viasystems
RFSW6232-410(A)
General Purpose Differential 3T
Switch
U1
RFMD
RFSW6232
CAP, 10000pF, 10%, 25V, X7R, 0402
C1
Murata Electronics
GRM155R71E103KA01D
RES, 0Ω, 0402
R1
Kamaya, Inc.
RMC1/16SJPTH
RES, 1K, 5%, 1/16W, 0402
R2-R3
Kamaya, Inc.
RMC1/16S-102JTH
CAP, 100pF, 5%, 50V, C0G, 0402,
DNI
C2-C3
Taiyo Yuden (USA), Inc.
RM UMK105CG101JV-F
CONN, SMA, END LNCH, MINI, FLT,
0.068"
PCA, PCB, P1A, P1B,
P2A, P2B, P3A, P3B
Emerson Network Power
142-0741-851
CONN, HDR, ST, PLRZD, 5-PIN,
0.100"
P1
ITW Pancon
MPSS100-5-C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com