Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6232 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6232
Description  General Purpose Differential 3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6232 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6232 Datasheet HTML 1Page - RF Micro Devices RFSW6232 Datasheet HTML 2Page - RF Micro Devices RFSW6232 Datasheet HTML 3Page - RF Micro Devices RFSW6232 Datasheet HTML 4Page - RF Micro Devices RFSW6232 Datasheet HTML 5Page - RF Micro Devices RFSW6232 Datasheet HTML 6Page - RF Micro Devices RFSW6232 Datasheet HTML 7Page - RF Micro Devices RFSW6232 Datasheet HTML 8Page - RF Micro Devices RFSW6232 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150623
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFSW6232
RFSW6232
General Purpose Differential 3T Switch
50MHz to 6000MHz
The RFSW6232 is a Differential Three Throw Switch that offers
very low insertion loss along with excellent linearity performance.
It is ideal for filter switching to 6000MHz. The RFSW6232 is
compatible with +1.8V control logic and is packaged in a compact
2mm x 2mm, 18-pin, leadless QFN package which allows for a
very small solution size and no requirements for external DC
blocking capacitors, unless external DC is applied to the device
ports.
Functional Block Diagram
Ordering Information
RFSW6232SQ
Sample bag with 25 pieces
RFSW6232SR
7" Reel with 100 pieces
RFSW6232TR7
7" Reel with 2500 pieces
RFSW6232PCK-410
50MHz to 6000MHz PCBA with 5-piece sample
bag
Package: QFN, 18-pin,
2.0mm x 2.0mm
Features
■
Very Low Insertion Loss and High
Isolation
■
<0.5dB Insertion Loss 1GHz
■
>20dB Isolation at 2.5GHz
Typical
■
Power Handling to 36dBm
■
Low Phase Error+/-3° at 2GHz
■
Multi-Band Operation 50MHz to
6000MHz
■
HBM ESD Rating >2kV on All
Ports
■
QFN Package, 2mm x 2mm x
0.55mm, 18-Pin
■
No DC Blocking Capacitors
Required in Most Applications
Applications
■
Filter Switching
■
Antenna Switching
■
Differential Switching
RFSW6232


Similar Part No. - RFSW6232

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
Differential SPDT or Dual SPDT Switch
logo
Qorvo, Inc
RFSW6222 QORVO-RFSW6222 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
RFSW6222 PCBA-410 QORVO-RFSW6222 PCBA-410 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
RFSW6222TR7 QORVO-RFSW6222TR7 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
DPDT SYMMETRIC SWITCH
More results

Similar Description - RFSW6232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE81 NTE-NTE81 Datasheet
24Kb / 3P
Silicon NPN Transistor Dual Differential Amp, General Purpose Switch
logo
Sanyo Semicon Device
FC13 SANYO-FC13 Datasheet
102Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
logo
TriQuint Semiconductor
CSH210R TRIQUINT-CSH210R Datasheet
323Kb / 7P
General Purpose SPDT Switch
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
General-purpose Basic Switch
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
General-purpose Basic Switch
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
General Purpose Switch Modules
M9131A KEYSIGHT-M9131A Datasheet
3Mb / 15P
General Purpose Switch Modules
M9135A KEYSIGHT-M9135A Datasheet
3Mb / 15P
General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
General Purpose Switch Modules
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
General-purpose Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com