Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6232 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSW6232
Description  General Purpose Differential 3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6232 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSW6232 Datasheet HTML 1Page - RF Micro Devices RFSW6232 Datasheet HTML 2Page - RF Micro Devices RFSW6232 Datasheet HTML 3Page - RF Micro Devices RFSW6232 Datasheet HTML 4Page - RF Micro Devices RFSW6232 Datasheet HTML 5Page - RF Micro Devices RFSW6232 Datasheet HTML 6Page - RF Micro Devices RFSW6232 Datasheet HTML 7Page - RF Micro Devices RFSW6232 Datasheet HTML 8Page - RF Micro Devices RFSW6232 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150623
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFSW6232
Parameter
Specification
Unit
Condition
Min
Typ
Max
2500MHz Specifications
–
Continued
Nominal Conditions Unless Otherwise Stated, VDD = 2.7V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended
Input IP3
– UMTS Mode
65
70
dBm
PIN = 20dBm, 2500MHz
Return Loss (P1, P2, P3)
24.7
dB
2500MHz
DC Control and Electrical
Specifications
Nominal Conditions Unless Otherwise Stated, VDD = 2.7V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended
VDD Supply Current
50
75
100
µA
S1, S2 or S3 Mode active
CTL1, CTL2 – Control Voltage High
1.3
2.7
V
CTL1, CTL2 – Control Voltage Low
0
0.45
V
Control Current
1
µA
Switching Speed
3
5
µs
10% to 90% RF
Notes:
1.
The DP3T switch is controlled by CTL1, CTL2. The poles are synchronized such that each is connected to the same port number.
2.
Operation of switch may be delayed up to 100 microseconds after initial application of VDD supply, under extreme cold conditions.
Mode Control Table
Mode
CTL1
CTL2
Test Condition
P1A
– PCA
High
Low
S1
P1B
– PCB
P2A
– PCA
Low
Low
S2
P2B
– PCB
P3A
– PCA
Low
High
S3
P3B
– PCB
PCA
– PCB (High Isolation)
High
High
HI
Note: HI mode connects a termination across PCA-PCB and disconnects P1, P2 and P3 paths.
Low Frequency Linearity Table
Frequency
2.5MHz
5MHz
25MHz
50MHz
IP3
55dBm
57dBm
64dBm
67dBm
IP2
74dBm
80dBM
86dBm
90dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com