Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8005 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW8005
Description  SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8005 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW8005 Datasheet HTML 1Page - RF Micro Devices RFSW8005 Datasheet HTML 2Page - RF Micro Devices RFSW8005 Datasheet HTML 3Page - RF Micro Devices RFSW8005 Datasheet HTML 4Page - RF Micro Devices RFSW8005 Datasheet HTML 5Page - RF Micro Devices RFSW8005 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RFSW8005
DS130403
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
6
V
Ruggedness Output VSWR
10:1
Stability Output VSWR
5:1
ESD Human Body Model
250
V
ESD Device Model
1000
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
*Note: Maximum input power with a 50
Ω load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Parameters
Frequency
2.4
2.5
GHz
Switch Control Voltage: Low
0
0.20
V
Switch Control Voltage: High
2.5
5.0
V
Operating Temperature
-40
85
°C
TX - ANT
CW Signal, C_TX = 2.5V to 5.0V;
T = -40°C to 85°C; Unless otherwise noted.
Insertion Loss
0.8
1.2
dB
0.8
dB
C_TX = 2.8V; T = 25°C
Input Return Loss
15
10
dB
Output Return Loss
15
8
dB
Isolation
TX - RX
20
dB
Measured from ANT - RX in TX mode
TX - BT
23
dB
Measured from ANT - BT in TX mode
RX - ANT
CW Signal, C_RX = 2.5V to 5.0V;
T = -40°C to 85°C; Unless otherwise noted.
Insertion Loss
0.9
1.5
dB
0.9
dB
C_RX = 2.5V to 5.0V; T = 25°C
Input Return Loss
14
11
dB
Output Return Loss
14
11
dB
Isolation
RX - TX
17
dB
Measured from ANT - TX in RX mode
RX - ANT
22
dB
Measured from ANT - BT in RX mode
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com