Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8005 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSW8005
Description  SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8005 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSW8005 Datasheet HTML 1Page - RF Micro Devices RFSW8005 Datasheet HTML 2Page - RF Micro Devices RFSW8005 Datasheet HTML 3Page - RF Micro Devices RFSW8005 Datasheet HTML 4Page - RF Micro Devices RFSW8005 Datasheet HTML 5Page - RF Micro Devices RFSW8005 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RFSW8005
DS130403
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
Pin Names and Description
Pin
Name
Description
1TX
TX RF port.
2N/C
Not connected.
3GND
Ground.
4N/C
Not connected.
5N/C
Not connected.
6
C_RX
Switch control to enable RX to ANT.
7
C_TX
Switch control to enable TX to ANT.
8BT
BT RF port.
9
C_BT
Switch control to enable BT to ANT.
10
ANT
ANT RF port.
11
GND
Ground.
12
N/C
Not connected.
13
N/C
Not connected.
14
N/C
Not connected.
15
N/C
Not connected.
16
N/C
Not connected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com