Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8005 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW8005
Description  SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8005 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW8005 Datasheet HTML 1Page - RF Micro Devices RFSW8005 Datasheet HTML 2Page - RF Micro Devices RFSW8005 Datasheet HTML 3Page - RF Micro Devices RFSW8005 Datasheet HTML 4Page - RF Micro Devices RFSW8005 Datasheet HTML 5Page - RF Micro Devices RFSW8005 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
BT
C_TX
C_RX
RX
TX
N/C
N/C
N/C
N/C
N/C
N/C
N/C
RFSW8005
11b/g/n WiFi SP3T SWITCH
The RFSW8005 is a single-pole triple-throw (SP3T) pHEMT switch in a 3mm x 3mm
x 0.5mm Pb-free, 16-pin package. This switch is capable of switching between WiFi
Rx, WiFi Tx, and Bluetooth Rx/Tx operations. The RFSW8005 can also be placed in
WiFi and Bluetooth modes simultaneously with a slight increase in insertion loss.
This device meets or exceeds the RF switch needs of IEEE802.11b/g WiFi RF sys-
tems.
Features
SP3T Switch
Switch Control Voltage 2.5Vto 5V
Low Insertion Loss 0.8dB
Applications
IEEE802.11b/g/n WiFi
Applications
WiFi/Bluetooth® Combination
Devices
DS130403
Package: QFN 16 pin, 3mm x 3mm x 0.5mm
RFSW8005
11b/g/n WiFi
SP3T Switch
RFSW8005SQ
25-Piece bag
RFSW8005SR
100-Piece reel
RFSW8005TR7
2500-Piece reel
RFSW8005PCBK-410 RFSW8000 eval board (100MHz to 2000MHz) and 5-piece
bag


Similar Part No. - RFSW8005

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW8000 RFMD-RFSW8000 Datasheet
499Kb / 6P
10W SPDT SWITCH
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
RFSW8008PCK-410 QORVO-RFSW8008PCK-410 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results

Similar Description - RFSW8005

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2303-EEU TRIQUINT-TGS2303-EEU Datasheet
199Kb / 3P
SP3T PIN Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
SP3T SWITCH
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
SP3T RF SWITCH
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
SP3T PIN Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
SP3T Switch
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com