Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8005 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW8005
Description  SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8005 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW8005 Datasheet HTML 1Page - RF Micro Devices RFSW8005 Datasheet HTML 2Page - RF Micro Devices RFSW8005 Datasheet HTML 3Page - RF Micro Devices RFSW8005 Datasheet HTML 4Page - RF Micro Devices RFSW8005 Datasheet HTML 5Page - RF Micro Devices RFSW8005 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RFSW8005
DS130403
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Switch Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Parameters
(continued)
BT - ANT
CW Signal, C_BT = 2.5V to 5.0V;
T = -40°C to 85°C; Unless otherwise noted.
BT Insertion Loss
0.8
1.3
dB
0.8
dB
C_BT = 2.5V to 5.0V; T = 25°C
Input Return Loss
12
8
dB
Isolation
BT - TX
18
dB
Measured from ANT - TX in BT mode
BT - RX
19
dB
Measured from ANT - RX in BT mode
General Parameters
All Modes = C_TX or C_RX or C_BT;
T=-40°C to 85°C; Unless otherwise noted.
Passband Ripple
-0.3
+0.3
dB
All Modes
IP0.1dB; CW
20
dBm
All Modes; Switch Control = 2.5V; CW
20
dBm
All Modes; Switch Control = 2.8V; CW
24
dBm
All Modes; Switch Control = 3.1V; CW
30
dBm
All Modes; Switch Control = 5.0V; CW
Switch Control Current; High
3
μA
All Modes; Switch Control = 2.5V; T = 25°C
5
μA
All Modes; Switch Control ≤ 3.1V
10
μA
All Modes; Switch Control = 5.0V
Switch Time, 10% CTL to 90% RF
200
800
ns
All Modes; Switch Control = 2.5V to 5.0V
Switch Time, 90% CTL to 10% RF
200
800
ns
Mode
C_TX
C_BT
C_RX
Condition
TX
1
0
0
TX to ANT
BT
0
1
0
BT to ANT
RX
0
0
1
RX to ANT
BT/RX
0
1
1
BT TX/RX Coexistence



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com