Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS501X Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFOS501X
Description  5MHz to 85MHz Si OPTICAL RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFOS501X Datasheet(HTML) 2 Page - RF Micro Devices

  RFOS501X Datasheet HTML 1Page - RF Micro Devices RFOS501X Datasheet HTML 2Page - RF Micro Devices RFOS501X Datasheet HTML 3Page - RF Micro Devices RFOS501X Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
DS130415
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFOS501X
Handling: Fiberglass optical coupling: maximum tensile strength=5N, minimum bending radius=35mm.
Absolute Maximum Ratings
Parameter
Rating
Unit
Frequency Range
5 to 85
MHz
Optical Input Power (continuous)
0
dBm
ESD Sensitivity (Human Body Model;
R=1.5k
, C=100pF)
500
V
Storage Temperature
-40 to +85
°C
Operating Mounting Base Tempera-
ture
-20 to +85
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Distortion data
Second order distortion[3]
-70.0
dBc
fm=54.25MHz
Third order distortion[4]
-70.0
dBc
fm=55.25MHz
3. The single second beat distortion (SSO) is measured using a two laser test. Each laser is modulated wiht a single tone at 13.3% OMI. The total optical
power into the DUT is -10dBm (0.1mW) f1=20.25MHz; f2=34.00MHz; measurement at f1+f2.
4. The single triple beat distortion (STB) is measured using a three laser test. Each laser is modulated with a single tone at 13.3% OMI. The total optical
power into the DUT is -10dBm (0.1mW). f1=76.25MHz; f2=64.25MHz; f3=85.25MHz; measurement at f1+f2-f3.
Cable Lengths and Connector Types
Type
Dimension A
Optical Connector
Type
Inches
Tolerance
mm
Tolerance
RFOS5012
33.4
-4 to +0.5
848
-102 to +13
FC/APC
RFOS5013
33.4
-4 to +0.5
848
-102 to +13
SC/APC
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com