Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS501X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFOS501X
Description  5MHz to 85MHz Si OPTICAL RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFOS501X Datasheet(HTML) 4 Page - RF Micro Devices

  RFOS501X Datasheet HTML 1Page - RF Micro Devices RFOS501X Datasheet HTML 2Page - RF Micro Devices RFOS501X Datasheet HTML 3Page - RF Micro Devices RFOS501X Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
DS130415
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFOS501X
Typical Data: VB=12V, TMB=30°C, ZL=75
O/E slope (5MHz to 85MHz): 0.70dB
O/E flatness (5MHz to 85MHz): 0.24dB
30.0
31.0
32.0
33.0
34.0
35.0
0
204060
80
100
120
O/E
[dBA/W]
f [MHz]
O/E versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0
204060
80
100
120
S22
[dB]
f [MHz]
S22 versus Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
204060
80
100
120
EINC
[pA/v(Hz)]
f [MHz]
EINC versus frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com