Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS501X Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFOS501X
Description  5MHz to 85MHz Si OPTICAL RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFOS501X Datasheet(HTML) 1 Page - RF Micro Devices

  RFOS501X Datasheet HTML 1Page - RF Micro Devices RFOS501X Datasheet HTML 2Page - RF Micro Devices RFOS501X Datasheet HTML 3Page - RF Micro Devices RFOS501X Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
1 of 4
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
RFOS501X
5MHz to 85MHz Si OPTICAL RECEIVER
The RFOS501X is a hybrid high dynamic range optical receiver module.
The module contains a single mode optical input suitable for wavelengths
from 1290nm to 1600nm, a terminal to monitor the PIN diode current
and an electrical output with an impedance of 75
.
OUTPUT
VBIAS
Optical
Input
Pin Detector
Matching
Network
PP Amplifier
Superior Return Loss
Performance
Optimal Reliability
Very Low EINC
Standard CATV Outline
Excellent Flatness
Low Power Consumption
SC/APC or FC/APC Optical
Interface
Applications
5MHz to 85MHz CATV
Reverse Amplifier Systems
DS130415
NOT FOR NEW DESIGNS
Package: SOT-115J
RFOS501X
5MHz to
85MHz Si
Optical
Receiver
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Bandwidth 5MHz to 85MHz; VB=12V; TMB=30°C;
ZL=75
Responsivity
2900
3100
V/W
=1310nm, f=85MHz
Slope Straight Line[1]
0.0
1.0
dB
f=5MHz to 85MHz
Flatness of O/E Response[2]
<0.3
0.5
dB
f=5MHz to 85MHz
Optical Input Return Loss
45
dB
Output Return Loss
17.0
dB
f=5MHz to 85MHz
Equivalent Input Noise
1.8
2.2
pA/
HZ
f=10MHz to 85MHz
Spectral Sensitivity
0.8
A/W
=(1310+-20)nm
0.90
A/W
=(1550+-20)nm
Optical Wavelength
1290
1600
nm
Total Current Consumption (DC)
100
105
mA
1. Slope is defined as the difference between the O/E response at the start frequency and the O/E response at the stop frequency.
2. Measured peak to valley.


Similar Part No. - RFOS501X

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFOS6012 QORVO-RFOS6012 Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
RFOS6013 QORVO-RFOS6013 Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
Superior Return Loss Performance
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results

Similar Description - RFOS501X

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS8740230 PDI-OS8740230 Datasheet
271Kb / 5P
Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
Optical Receiver
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005300L RFMD-R2005300L Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
logo
Qorvo, Inc
RFRP2920 QORVO-RFRP2920 Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 100MHz (Low Current)
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com