Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS501X Datasheet (PDF) - RF Micro Devices

RFOS501X Datasheet PDF - RF Micro Devices
Part # RFOS501X
Download  RFOS501X Download
File Size   234.86 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5MHz to 85MHz Si OPTICAL RECEIVER

RFOS501X Datasheet (PDF)

Go To PDF Page Download Datasheet
RFOS501X Datasheet PDF - RF Micro Devices

Part # RFOS501X
Download  RFOS501X Click to download

File Size   234.86 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5MHz to 85MHz Si OPTICAL RECEIVER

RFOS501X Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFOS501X

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFOS6012 QORVO-RFOS6012 Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
RFOS6013 QORVO-RFOS6013 Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
Superior Return Loss Performance
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results


Similar Description - RFOS501X

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS8740230 PDI-OS8740230 Datasheet
271Kb / 5P
Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
Optical Receiver
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005300L RFMD-R2005300L Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
logo
Qorvo, Inc
RFRP2920 QORVO-RFRP2920 Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 100MHz (Low Current)
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com