Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5344Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SPF5344Z
Description  0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5344Z Datasheet(HTML) 2 Page - RF Micro Devices

  SPF5344Z Datasheet HTML 1Page - RF Micro Devices SPF5344Z Datasheet HTML 2Page - RF Micro Devices SPF5344Z Datasheet HTML 3Page - RF Micro Devices SPF5344Z Datasheet HTML 4Page - RF Micro Devices SPF5344Z Datasheet HTML 5Page - RF Micro Devices SPF5344Z Datasheet HTML 6Page - RF Micro Devices SPF5344Z Datasheet HTML 7Page - RF Micro Devices SPF5344Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
DS110805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5344Z
Typical RF Performance - VD=5.0V (Application Circuit Data)
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)
220
(100mA 1st stage,
120mA 2nd stage)
mA
Max Device Voltage (VD)5.5
V
Max RF Input Power* (See Note)
24
dBm
Max Dissipated Power
1200
mW
Max Junction Temperature (TJ)
150
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
-65 to +150
°C
ESD Rating - Human Body Model
(HBM)
Class 1B
Moisture Sensitivity (MSL)
MSL 1
*Note: Load condition 1, ZL=50;
Load condition 2, ZL=10:1 VSWR
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=Source Lead Temperature
Frequency (GHz)
Symbol
Parameter
Unit
0.8
0.85
0.9
1.8
1.9
2.0
2.1
2.2
2.5
S21
Small Signal Gain
dB
36.5
35.5
34.5
26.0
25.5
24.5
23.5
22.5
20.5
NF
Noise Figure
dB
0.6
0.7
0.7
0.8
0.8
0.8
0.9
0.9
1.1
OIP3
Output IP3
dBm
35.0
35.5
35.6
39.0
39.0
39.0
39.5
39.0
39.0
P1dB
Output P1dB
dBm
21.5
21.6
21.8
22.6
23.1
22.4
23.0
22.7
22.6
S11
Input Return Loss
dB
17.0
22.0
25.0
22.5
25.0
25.0
23.0
20.5
14.5
S22
Output Return Loss
dB
15.0
19.5
23.5
25.0
25.0
25.0
25.0
25.0
25.0
S12
Reverse Isolation
dB
44.0
43.5
43.5
34.0
33.0
32.5
32.0
31.0
29.5
Test Conditions: VD=5.0V, IDQ=120mA, OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, TL=25°C, ZS=ZL=50
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com