Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5344Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPF5344Z
Description  0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5344Z Datasheet(HTML) 3 Page - RF Micro Devices

  SPF5344Z Datasheet HTML 1Page - RF Micro Devices SPF5344Z Datasheet HTML 2Page - RF Micro Devices SPF5344Z Datasheet HTML 3Page - RF Micro Devices SPF5344Z Datasheet HTML 4Page - RF Micro Devices SPF5344Z Datasheet HTML 5Page - RF Micro Devices SPF5344Z Datasheet HTML 6Page - RF Micro Devices SPF5344Z Datasheet HTML 7Page - RF Micro Devices SPF5344Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
DS110805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5344Z
Pin
Function
Description
1,2,4,5,7,8,9,
11,12,14,15,
16,18,20
N/A
Ground or No-Connect. No connection internal
3RF IN
RF Input, VG1 applied through this pin.
6RF/DC
Connected internally to RF IN (VG1). External No-Connect required.
10
RF/DC
Connected internally to RF OUT (VD2). External No-Connect required.
13
RF OUT
RF Output, VD2 applied through this pin.
17
RF/VG2
RF/DC input of stage 2, VG2 applied through this pin.
19
RF/VD1
RF/DC output of stage 1, VD1 applied through this pin.
EPAD
GND
EPAD must be conductively attached to RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com