Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5344Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SPF5344Z
Description  0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5344Z Datasheet(HTML) 1 Page - RF Micro Devices

  SPF5344Z Datasheet HTML 1Page - RF Micro Devices SPF5344Z Datasheet HTML 2Page - RF Micro Devices SPF5344Z Datasheet HTML 3Page - RF Micro Devices SPF5344Z Datasheet HTML 4Page - RF Micro Devices SPF5344Z Datasheet HTML 5Page - RF Micro Devices SPF5344Z Datasheet HTML 6Page - RF Micro Devices SPF5344Z Datasheet HTML 7Page - RF Micro Devices SPF5344Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1 of 8
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SPF5344Z
0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW
NOISE MMIC AMPLIFIER
The SPF5344Z is a high performance 2-Stage pHEMT MMIC LNA designed
for use from 0.8GHz to 4GHz. It offers low noise figure and high linearity in
a gain block configuration. Its single-supply operation and integrated
matching networks make implementation remarkably simple. The off-chip
interstage choke and DC block allow for optimum performance tuning.
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
-40
-30
-20
-10
0
10
20
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Frequency (GHz)
Gain, RL & NF versus Frequency
Gain
IRL
ORL
NF
S11
S21
S22
NF
Low Noise Figure=0.80dB at
2.0GHz
Gain=24.5dB at 2.0GHz
OIP3=39dBm at 2.0GHz
Excellent Return Loss:
S11>20dB, S22>20dB at
2.0GHz
P1dB=22.4dBm at 2.0GHz
Single-Supply Operation: 5V at
Idq=120mA
Flexible Biasing Options: 3-5V,
Adjustable Current
Broadband Internal Matching
Applications
Cellular, PCS, W-CDMA, ISM,
WiMAX Receivers
PA Driver Amplifier
Low Noise, High Linearity Gain
Block Applications
DS110805
SPF5344Z
0.8GHz to
4GHz, GaAs
pHEMT 2-
Stage Low
Noise MMIC
Amplifier
Parameter
Frequency=0.9GHz
Frequency=2.0GHz
Frequency=2.2GHz
Unit
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Small Signal Power Gain
34.5
22.1
24.5
26.9
22.5
dB
Noise Figure
0.70
0.80
0.90
dB
Output Third Order
Intercept Point
35.5
35
39.0
39.0
dBm
Output Power at 1dB
Compression
21.8
22.4
22.7
dBm
Input Return Loss
25.0
dB
Output Return Loss
25.0
dB
Reverse Isolation
32.5
dB
Device Operating Voltage
5.0
5.0
5.0
V
Device Operating Current
(Quiescent)
100
120
160
100
120
160
100
120
160
mA
Thermal Resistance
(junction-to-lead)
1st stage
65
65
65
°C/W
Thermal Resistance
(junction-to-lead)
2nd stage
65
65
65
°C/W
Note: VD=5.0V, IDQ=120mA OIP3 Tone Spacing=1MHz, POUT per tone=0dBm and ZS=ZL=50, 25°C, Application Circuit Data.
The typical noise figure values include evaluation board losses.


Similar Part No. - SPF5344Z

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
SPF50 HELLERMANNTYTON-SPF50 Datasheet
77Kb / 1P
Polypropylene spiral binding for high resistance against oil, wide pitch
January 2019
logo
Sanken electric
SPF5001 SANKEN-SPF5001 Datasheet
31Kb / 2P
Surface-mount 4-circuit Low-side Switch Array
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
Surface-mount 4-circuit Low-side Switch Array
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
Low-side Switch ICs
SPF5003 SANKEN-SPF5003 Datasheet
43Kb / 1P
High-side Power Switch ICs [Surface-mount 2-circuits]
More results

Similar Description - SPF5344Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com