Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5344Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SPF5344Z
Description  0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5344Z Datasheet(HTML) 4 Page - RF Micro Devices

  SPF5344Z Datasheet HTML 1Page - RF Micro Devices SPF5344Z Datasheet HTML 2Page - RF Micro Devices SPF5344Z Datasheet HTML 3Page - RF Micro Devices SPF5344Z Datasheet HTML 4Page - RF Micro Devices SPF5344Z Datasheet HTML 5Page - RF Micro Devices SPF5344Z Datasheet HTML 6Page - RF Micro Devices SPF5344Z Datasheet HTML 7Page - RF Micro Devices SPF5344Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
DS110805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5344Z
Typical RF Performance - 1.7GHz to 2.5GHz Application Circuit with VD=5V, ID=120mA
Noise Figure versus Frequency
(Evaluation Board)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Frequency (GHz)
25°C
85°C
P1dB versus Frequency
16
18
20
22
24
26
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Frequency (GHz)
-40°C
25°C
85°C
OIP3 versus Frequency (0dBm tones)
25
27
29
31
33
35
37
39
41
43
45
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Frequency (GHz)
-40°C
25°C
85°C
OIP3 versus Tone Power Out (1.9GHz)
25
27
29
31
33
35
37
39
41
43
45
02
46
8
10
12
14
16
Tone Power (dBm)
-40°C
25°C
85°C
Current versus Voltage
90
95
100
105
110
115
120
125
130
135
140
4.8
4.9
5.0
5.1
5.2
5.3
Voltage (V)
-40°C
25°C
85°C
POUT versus PIN (1.9GHz)
10
12
14
16
18
20
22
24
-14
-12
-10
-8
-6
-4
-2
0
2
PIN (dBm)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com