Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R1 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJG1709KC1-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R1 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJG1709KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 12Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 13Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 14Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 15Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 16Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 17Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 18Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
NJG1709KC1
- 14 -
nTYPICAL CHARACTERISTICS 1 (LNA+MIXER, f=1.5GHz, f
LO=1619MHz, with test circuit 1)
-30
-25
-20
-15
-10
-5
0
1590
1600
1610
1620
1630
1640
1650
LOCAL IN to RF IN Isolation
vs. LO Frequency
LO Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
1590
1600
1610
1620
1630
1640
1650
LOCAL IN to IF OUT Isolation
vs. LO Frequency
LO Frequency (MHz)
IF OUT
M.N
M.N.
M.N
M.N.
M.N.
RF OUT
MIXER IN
RF IN
LOCAL IN
Port 1
50
Ω
Port 2
Condition
V
LNA=2.7V
V
MIX=VLO=2.7V
P
LO=-15dBm
Port1: LOCAL IN
Port2: IF OUT
Condition
V
LNA=2.7V
V
MIX=VLO=2.7V
P
LO=-15dBm
Port1: LOCAL IN
Port2: RF IN
IF OUT
M.N
M.N.
M.N
M.N.
M.N.
RF OUT
MIXER IN
RF IN
LOCAL IN
Port 1
Port 2
50
Ω
RF OUT – MIXER IN
Coaxial Cable
Z0=50 ohm, L=260 mm
RF OUT – MIXER IN
Coaxial Cable
Z0=50 ohm, L=260 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com