Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R1 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1709KC1-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R1 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1709KC1-R1 Datasheet HTML 2Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
NJG1709KC1
- 6 -
nTYPICAL CHARACTERISTICS 1 (LNA, f=1.5GHz, f
LO=1619MHz, with test circuit 1)
5
7
9
11
13
15
17
19
21
-8
-6
-4
-2
0
2
4
6
8
2.5
3
3.5
4
4.5
OIP3, IIP3 vs. V
LNA
V
LNA
(V)
(f=1489+1489.1MHz,Pin=-36dBm)
OIP3
IIP3
16
16.5
17
17.5
18
18.5
19
19.5
20
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
-40
-20
0
20
40
60
80
100
Gain, I
LNA
vs. Temperature
Ambient Temperature (
oC)
(V
LNA
=2.7V, f=1489MHz)
Gain
I
LNA
0
0.5
1
1.5
2
2.5
3
-6
-5
-4
-3
-2
-1
0
-40
-20
0
20
40
60
80
100
NF,P-1dB vs. Temperature
Ambient Temperature (
oC)
(V
LNA
=2.7V,f=1489MHz)
P-1dB
NF
11
12
13
14
15
16
-8
-7
-6
-5
-4
-3
-40
-20
0
20
40
60
80
100
OIP3,IIP3 vs. Temperature
Ambient Temperature (
oC)
(V
LNA
=2.7V,f=1489+1489.1MHz,Pin=-36dBm)
OIP3
IIP3
The value of OIP3 and IIP3 shown in
typical characteristics are calculated
OIP3
=
3
×Pout−IM3
2
IIP3
=OIP3-Gain
@Pin
=-36dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com