Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1709KC1-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1709KC1-R1 Datasheet HTML 1Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 2Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
NJG1709KC1
- 1 -
1.5/1.9GHz BAND FRONT-END GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1709KC1 is a front-end GaAs MMIC including a LNA,
a local amplifier and a mixer, designed mainly for 1.5 or
1.9GHz band cellular phone.
The ultra small & ultra thin FLP10 package is applied.
nFEATURES
lLow Voltage Operation
+2.7V typ.
lLow Current Consumption
LNA
3.2mA typ.
Mixer
5.1mA typ. (with Local Amplifier operation current)
lUltra Small & Ultra Thin package
FLP10-C1 (Mount Size: 2.8 x 3.0 x 0.75mm)
LNA
lHigh Small Signal Gain
18.0dB typ. @ f
RF=1489MHz
16.0dB typ. @ f
RF=1900MHz
lLow Noise Figure
1.2dB typ. @ f
RF=1489MHz
1.3dB typ. @ f
RF=1900MHz
lHigh Output IP3
+13.0dBm typ. @ f
RF=1489.0+1489.1MHz
+13.0dBm typ. @ f
RF=1900.0+1900.1MHz
Mixer
lHigh Conversion Gain
12.5dB typ. @ f
RF=1489MHz, fLO=1619MHz, PLO=-15dBm
9.0dB typ. @ f
RF=1900MHz, fLO=1660MHz, PLO=-15dBm
lLow Noise Figure
6.0dB typ. @ f
RF=1489MHz, fLO=1619MHz, PLO=-15dBm
6.5dB typ. @ f
RF=1900MHz, fLO=1660MHz, PLO=-15dBm
lHigh Output IP3
+10.0dBm typ. @ f
RF=1489.0+1489.1MHz, fLO=1619MHz, PLO=-15dBm
+11.0dBm typ. @ f
RF=1900.0+1900.1MHz, fLO=1660MHz, PLO=-15dBm
nPIN CONFIGURATION
Pin Connection
1.LNAIN
2.LNACAP
3.GND
4.IFOUT
5.VLO
6.LOIN
7.BPC
8.MIXIN
9.GND
10.LNAOUT
KC1 Type
(Top View)
Orientation Mark
1
2
3
4
5
6
7
8
9
10
NOTE: Please note that any information on this catalog will be subject to change.
NJG1709KC1


Similar Part No. - NJG1709KC1-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1709KC1-R1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
1.5/1.9GHz LNA GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
800MHz TDMA FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
1.5/1.9GHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com