Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R1 Datasheet(PDF) 12 Page - New Japan Radio

Part # NJG1709KC1-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R1 Datasheet(HTML) 12 Page - New Japan Radio

Back Button NJG1709KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 12Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 13Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 14Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 15Page - New Japan Radio NJG1709KC1-R1 Datasheet HTML 16Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
NJG1709KC1
- 12 -
nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, f
LO=1619MHz, with test circuit 1)
MIXER IN PORT IMPEDANCE
(PLO=-15dBm)
LOCAL IN PORT IMPEDANCE
IF OUT PORT IMPEDANCE
Condition
V
LNA=0V
V
MIX=VLO=2.7V
Condition
V
LNA=0V
V
MIX=VLO=2.7V
Condition
V
LNA=0V
V
MIX=VLO=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com