Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0806CDMADIPLEXER Datasheet(PDF) 2 Page - AVX Corporation

Part # 0806CDMADIPLEXER
Description  Multilayer Organic 0806 CDMA Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0806CDMADIPLEXER Datasheet(HTML) 2 Page - AVX Corporation

  0806CDMADIPLEXER_15 Datasheet HTML 1Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 2Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 3Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multilayer Organic (MLO
TM)
0806 CDMA Diplexer
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.5
1.3
-2.5
-2.0
-1.5
-1.0
-0.5
-3.0
0.0
Frequency (GHz)
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
1.2
3.0
-2.5
-2.0
-1.5
-1.0
-0.5
-3.0
0.0
Frequency (GHz)
Frequency (GHz)
Insertion Loss (dB)
0.500
0.121
0.698
0.199
0.960
0.400
Frequency (GHz)
Insertion Loss (dB)
1.710
0.430
2.180
0.352
2.700
0.360
Low Band Insertion Loss
High Band Insertion Loss
ATTENUATION
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-40
-30
-20
-10
-50
0
Frequency (GHz)
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-40
-30
-20
-10
-50
0
Frequency (GHz)
Frequency (GHz)
Attenuation (dB)
1.710
26.726
2.180
24.681
2.700
31.074
Frequency (GHz)
Attenuation (dB)
0.500
26.671
0.698
28.611
0.960
23.988
Low Band Attenaution
High Band Attenaution
S PARAMETER MEASUREMENTS
INSERTION LOSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com