Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0806CDMADIPLEXER Datasheet(PDF) 3 Page - AVX Corporation

Part # 0806CDMADIPLEXER
Description  Multilayer Organic 0806 CDMA Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0806CDMADIPLEXER Datasheet(HTML) 3 Page - AVX Corporation

  0806CDMADIPLEXER_15 Datasheet HTML 1Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 2Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 3Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Frequency (GHz)
Insertion Loss (dB)
0.500
29.191
0.698
23.723
0.960
17.655
Frequency (GHz)
Insertion Loss (dB)
1.710
18.487
2.180
15.685
2.700
17.037
Low Band Return Loss
High Band Return Loss
Frequency (GHz)
Attenuation (dB)
0.500
32.382
0.698
27.566
0.960
19.543
1.710
23.343
2.180
17.958
2.700
16.744
Frequency (GHz)
Attenuation (dB)
0.500
26.956
0.698
28.872
0.960
24.238
1.710
35.833
2.180
26.827
2.700
29.338
Common Port Return Loss
Isolation
Multilayer Organic (MLO
TM)
0806 CDMA Diplexer
RETURN LOSS
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-25
-20
-15
-10
-5
-30
0
Frequency (GHz)
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-20
-15
-10
-5
-25
0
Frequency (GHz)
ISOLATION
COMMON RETURN LOSS
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-30
-25
-20
-15
-10
-5
-35
0
Frequency (GHz)
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.4
3.0
-35
-30
-25
-20
-15
-10
-5
-40
0
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com