Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0806CDMADIPLEXER Datasheet(PDF) 1 Page - AVX Corporation

Part # 0806CDMADIPLEXER
Description  Multilayer Organic 0806 CDMA Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0806CDMADIPLEXER Datasheet(HTML) 1 Page - AVX Corporation

  0806CDMADIPLEXER_15 Datasheet HTML 1Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 2Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 3Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Multilayer Organic (MLO
TM)
0806 CDMA Diplexer
MLO
TM TECHNOLOGY
The 0806 diplexer is a best in class low profile multilayer
organic passive device that is based on AVX’s patented
multilayer organic high density interconnect technology.
The MLO
TM diplexer uses high dielectric constant and low
loss materials to realize high Q passive printed passive
elements such as inductors and capacitors in a multilayer
stack up. The MLO
TM
diplexers can support multiple
wireless standards such as WCDMA, CDMA, WLAN,
and GSM and are less than 0.6mm in thickness. These
components are ideally suited for band switching for dual
band systems. All diplexers are expansion matched to
FR4 thereby resulting in improved reliability over standard
Si and ceramic devices.
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters
and visual characteristics.
OPERATING TEMPERATURE
-40ºC to +85ºC
TERMINATION
Finishes available in Ni/Sn, Immersion Sn, Immersion Au
and OSP coatings which are compatible with automatic
soldering technologies which include reflow, wave
soldering, vapor phase and manual.
0806 CDMA DIPLEXER SPECIFICATIONS
PART NUMBER: DP06B1945TTR
B
Design
1945
Frequency
(MHz)
7
Finish
7 = Au
T = NiSn
TR
Packaging
Tape & Reel
HOW TO ORDER
DP
Type
06
Size
Bottom View
Side View
0.254±0.05
(0.010±0.002)
0.191±0.10
(0.008±0.004)
2.223±0.20
(0.088±0.008)
0.445±0.10
(0.018±0.004)
0.55±0.10
(0.022±0.004)
0.635±0.05
(0.025±0.002)
0.127±0.04
(0.005±0.002)
0.254±0.10
(0.010±0.004)
1.461±0.10
(0.058±0.004)
0.953±0.05
(0.038±0.002)
Unit: mm (inches)
ORIENTATION IN TAPE
16
25
34
16
25
34
16
25
34
COMPONENT DIMENSIONS AND FUNCTIONS
Terminal No.
Terminal Name
1
Low Frequency Port
2GND
3
High Frequency Port
4GND
5
Common Port
6GND
POWER CAPACITY
4.5W Maximum
APPLICATIONS
Multiband applications including
WCDMA, WLAN, WiMax, GPS,
and cellular bands
LAND GRID ARRAY
ADVANTAGES
• Low Insertion Loss
• Excellent Solderability
• Low Parasitics
• Low Profile
Specification
AVX -MLO
TM
mm (inches)
Size
2.2 x 1.5 (0.083 x 0.060)
Height
0.55 (0.021)
Volume (mm^3)
1.75
Frequency Range (F1) (MHz)
730 ± 230 MHz
Frequency Range (F2) (MHz)
2200 ± 500 MHz
Insertion Loss (F1, at Fc @ 25oC)
-0.4
Insertion Loss (F1 at Fc) (-40 to 85ºC)
- 0.55
Insertion Loss (F2, at Fc @ 25ºC)
-0.5
Insertion Loss (F1 at Fc ) (-40 to 85ºC)
-0.65
Attenuation (F1) at (F2) (dB min)
-22
Attenuation (F2) at (F1) (dB min)
-22
VSWR (Input @ F1)
1.2
VSWR (Input @ F2)
1.6
VSWR (Lowband @ F1)
1.3
VSWR (Highband @ F2)
1.7


Similar Part No. - 0806CDMADIPLEXER_15

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
0806 NIC-0806 Datasheet
202Kb / 4P
Surface Mount Multilayer Power Inductor
logo
Bel Fuse Inc.
0806-5400-01 BEL-0806-5400-01 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-03 BEL-0806-5400-03 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-04 BEL-0806-5400-04 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
More results

Similar Description - 0806CDMADIPLEXER_15

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBSG-T-C10-01-C AAC-JXMBSG-T-C10-01-C Datasheet
195Kb / 1P
CDMA Cavity Diplexer
logo
TDK Electronics
DPX105950DT-6012A1 TDK-DPX105950DT-6012A1 Datasheet
86Kb / 8P
Multilayer Diplexer
DPX162500DT-8028A1 TDK-DPX162500DT-8028A1 Datasheet
83Kb / 8P
Multilayer Diplexer
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
Multilayer Diplexer
DPX165850DT-8132A1 TDK-DPX165850DT-8132A1 Datasheet
85Kb / 7P
Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
Multilayer Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com