Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0806CDMADIPLEXER Datasheet(PDF) 4 Page - AVX Corporation

Part # 0806CDMADIPLEXER
Description  Multilayer Organic 0806 CDMA Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0806CDMADIPLEXER Datasheet(HTML) 4 Page - AVX Corporation

  0806CDMADIPLEXER_15 Datasheet HTML 1Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 2Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 3Page - AVX Corporation 0806CDMADIPLEXER_15 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Multilayer Organic (MLO
TM)
0806 CDMA Diplexer
AUTOMATED SMT ASSEMBLY
SMT REFLOW PROFILE
The following section describes the guidelines for automated
SMT assembly of MLO
TM RF devices which are typically Land
Grid Array (LGA) packages or side termination SMT pacages.
Control of solder and solder paste volume is critical for
surface mount assembly of MLO
TM RF devices onto the PCB.
Stencil thickness and aperture openings should be adjusted
according to the optimal solder volume. The following are
general recommendations for SMT mounting of MLO
TM
devices onto the PCB.
Common IR or convection reflow SMT processes shall be
used for the assembly. Standard SMT reflow profiles, for
eutectic and Pb free solders, can be used to surface mount
the MLO
TM devices onto the PCB. In all cases, a temperature
gradient of 3°C/sec, or less, should be maintained to prevent
warpage of the package and to ensure that all joints reflow
properly. Additional soak time and slower preheating time
may be required to improve the out-gassing of solder paste.
In addition, the reflow profile depends on the PCB density
and the type of solder paste used. Standard no-clean solder
paste is generally recommended. If another type of flux is
used, complete removal of flux residual may be necessary.
Example of a typical lead free reflow profile is shown below.
Profile Parameter
Pb free, Convection, IR/Convection
Ramp-up rate (Tsmax to Tp
3ºC/second max.
Preheat temperature (Ts min to Ts max)
150ºC to 200ºC
Preheat time (ts)
60 – 180 seconds
Time above TL, 217ºC (tL)
60 – 120 seconds
Peak temperature (Tp)
260°C
Time within 5ºC of peak temperature (tp)
10 – 20 seconds
Ramp-down rate
4ºC/second max.
Time 25ºC to peak temperature
6 minutes max.
Critical Zone
TL to Tp
Ramp-down
Ramp-up
Ts max
25
t 25ºC to Peak
Ts min
ts
Preheat
Tp
tp
TL
tL
Time
Figure A. Typical Lead Free Profile and Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com