Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-121 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-121
Description  SPST RF Switch 10 - 1000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-121 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-121 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPST RF Switch
10 - 1000 MHz
SW-121
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Low Loss - 0.5 dB Typical
High Isolation - 60 dB Typical
Integral TTL Driver
Hermetic Package
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF 1
–
+
RF2
q
q
q
q
DI-1
Typical Performance
Guaranteed Specifications*
(-55°C to + 85°C)
Operating Characteristics
Ordering Information
Truth Table
(Positive Voltage Only)
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ±0.25)
.xx = ± 0.02 (.x = ± 0.5)
WEIGHT (APPROX): 0.14 OUNCES 4 GRAMS
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltages of +12 VDC and
-5 VDC (± 5%) and 50 ohm impedance at all RF ports.


Similar Part No. - SW-121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-121-PIN MACOM-SW-121-PIN Datasheet
135Kb / 3P
SPST RF Switch, 10-1000MHz
logo
M/A-COM Technology Solu...
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
More results

Similar Description - SW-121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-124 MACOM-SW-124 Datasheet
83Kb / 1P
SP4T RF Switch 10 - 1000 MHz
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
SW-121-PIN MACOM-SW-121-PIN Datasheet
135Kb / 3P
SPST RF Switch, 10-1000MHz
SW-124-PIN MACOM-SW-124-PIN Datasheet
136Kb / 3P
SP4T RF Switch, 10 - 1000 MHz
logo
SIRENZA MICRODEVICES
SS-91 SIRENZA-SS-91 Datasheet
405Kb / 1P
SPST Flatpack RF Switch 10-500 MHz
SS-92 SIRENZA-SS-92 Datasheet
401Kb / 1P
SPST Flatpack RF Switch 100-1000 MHz
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
SW-124-PIN MA-COM-SW-124-PIN Datasheet
55Kb / 3P
SP4T RF Switch, 10 - 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com