Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCCM Datasheet(PDF) 2 Page - AVX Corporation

Part # LCCM
Description  LCCM Series ??Chip Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCCM Datasheet(HTML) 2 Page - AVX Corporation

  LCCM Datasheet HTML 1Page - AVX Corporation LCCM Datasheet HTML 2Page - AVX Corporation LCCM Datasheet HTML 3Page - AVX Corporation LCCM Datasheet HTML 4Page - AVX Corporation LCCM Datasheet HTML 5Page - AVX Corporation LCCM Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
0805
Impedance
Tolerance
Test
DCR
IDC
Rated Voltage
Withstanding
Insulation
(Ω)
Condition
(Ω) max.
(mA) max.
Vdc (V)
Voltage Vdc
Resistance
(MHz)
(V)
(MΩ) min.
67
±20%
100
0.25
400
50
125
10
90
±20%
100
0.35
330
50
125
10
120
±20%
100
0.30
370
50
125
10
180
±20%
100
0.35
330
50
125
10
200
±20%
100
0.35
330
50
125
10
260
±20%
100
0.40
300
50
125
10
360
±20%
100
0.40
280
50
125
10
370
±20%
100
0.40
280
50
125
10
ELECTRICAL CHARACTERISTICS
Chip Inductors
LCCM Series – Chip Common Mode Filter
1206
Impedance
Tolerance
Test
DCR
IDC
Rated Voltage
Withstanding
Insulation
(Ω)
Condition
(Ω) max.
(mA) max.
Vdc (V)
Voltage Vdc
Resistance
(MHz)
(V)
(MΩ) min.
90
±20%
100
0.30
370
50
125
10
160
±20%
100
0.40
340
50
125
10
260
±20%
100
0.50
310
50
125
10
600
±20%
100
0.80
260
50
125
10
1000
±20%
100
1.00
230
50
125
10
2200
±20%
100
1.20
200
50
125
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com