Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCCM Datasheet(PDF) 4 Page - AVX Corporation

Part # LCCM
Description  LCCM Series ??Chip Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCCM Datasheet(HTML) 4 Page - AVX Corporation

  LCCM Datasheet HTML 1Page - AVX Corporation LCCM Datasheet HTML 2Page - AVX Corporation LCCM Datasheet HTML 3Page - AVX Corporation LCCM Datasheet HTML 4Page - AVX Corporation LCCM Datasheet HTML 5Page - AVX Corporation LCCM Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
LCCM1206 CHARACTERISTICS – IMPEDANCE vs. FREQUENCY
Chip Inductors
LCCM Series – Chip Common Mode Filter
Common Mode
Differential Mode
1
1
10
100
1000
10
100
1000
LCCM1206M900
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M261
Frequency (MHz)
1
1
10
100
1000
10
100
1000
LCCM1206M161
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M601
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M102
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M222
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com