Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCCM Datasheet(PDF) 6 Page - AVX Corporation

Part # LCCM
Description  LCCM Series ??Chip Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCCM Datasheet(HTML) 6 Page - AVX Corporation

  LCCM Datasheet HTML 1Page - AVX Corporation LCCM Datasheet HTML 2Page - AVX Corporation LCCM Datasheet HTML 3Page - AVX Corporation LCCM Datasheet HTML 4Page - AVX Corporation LCCM Datasheet HTML 5Page - AVX Corporation LCCM Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7
PACKAGING QUANTITY REAL SPECIFICATIONS
EMBOSSED PLASTIC TAPE SPECIFICATIONS
LEADER/TAPE
Chip Inductors
LCCM Series – Chip Common Mode Filter
178 ± 2.00
(7.008 ± 0.079)
60.0 ± 0.50
(2.362 ± 0.020)
1.20 ± 0.20
(0.047 ± 0.008)
9.00 ± 0.30
(0.354 ±0.0112)
11.4 ± 1.00
(0.449 ± 0.039)
Label
D: 21.8 ± 0.80
(0.858 ± 0.031)
D: 13.0 ± 0.30
(0.512 ± 0.012)
2.00 ± 0.50
(0.079 ±0.020)
W
E
F
ψ D0
P0
A
B
T
ψ D11.5 Min.
Embossed Tape
Direction of unreeling
Top Tape
P1
P2
Trailer End
Leader
Trailer
80.0 (3.150) min.
Cover
Tape Only
450 (17.72) min.
Empty Compartments
with Cover Tape
80.0 (3.150) min.
PEEL-OFF FORCE
160 - 180º
Top cover tape
Base tape
The force for tearing off cover tape is 0.05 - 0.69 (N)
in the arrow direction at the following conditions:
Temperature: 5 - 35°C
Humidity: 45 - 85%
Atmospheric pressure: 860 - 1060hpa
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
LCCM0805
1.40 ± 0.10
2.55 ± 0.05
8.0 ± 0.20
1.75 ± 0.10
3.50 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.35 ± 0.10
(0.055 ± 0.004) (0.100 ± 0.002) (0.315 ± 0.008) (0.069 ± 0.004) (0.138 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.004) (0.059 ± 0.004) (0.053 ± 0.004)
LCCM1206
1.90 ± 0.10
3.50 ± 0.05
8.0 ± 0.20
1.75 ± 0.10
3.5 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
2.10 ± 0.10
(0.075 ± 0.004) (0.138 ± 0.004) (0.315 ± 0.008) (0.069 ± 0.004) (0.138 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.004) (0.059 ± 0.004) (0.083 ± 0.004)
mm (inches)
Embossed
Type
Plastic Tape
(EA)
LCCM0805
2,000
LCCM1206
2,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com