Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCCM Datasheet(PDF) 5 Page - AVX Corporation

Part # LCCM
Description  LCCM Series ??Chip Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCCM Datasheet(HTML) 5 Page - AVX Corporation

  LCCM Datasheet HTML 1Page - AVX Corporation LCCM Datasheet HTML 2Page - AVX Corporation LCCM Datasheet HTML 3Page - AVX Corporation LCCM Datasheet HTML 4Page - AVX Corporation LCCM Datasheet HTML 5Page - AVX Corporation LCCM Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL PERFORMANCE TEST
Chip Inductors
LCCM Series – Chip Common Mode Filter
Items
Requirement
Test Conditions I Test Methods
Impedance
LCR Meter HP 4291B
DC Resistance DCR
Micro-Ohm meter (GOM-801G)
Test Voltage: 2.5 Times Rated Voltage
Withstand Voltage (VDC)
Testing Time: 60 seconds
Charge Current: 0.5mA
Test Voltage: Rated Voltage
Rated Voltage (VDC)
Testing Time: 1 to 5 seconds
Charge Current: 1mA
Insulation Resistance (I.R)
Charge Current: 1minute
10M ohm min.
Refer to standard electrical
characteristic spec.
Component should not
be damaged
Impedance change: Within± 20%
Without distinct damage
in appearance
MECHANICAL PERFORMANCE TEST
Items
Requirement
Test Conditions I Test Methods
Base: 0805 2 Lbs
Component Adhesion
Cover: 0805 1 Lbs
(Push Test)
Base: 1206 4 Lbs
Cover: 1206 2 Lbs
Dropping chip by each side and corner.
Drop
Component should not
Drop 10 times in total
be damaged
Drop height: 100 cm
Drop weight: 125 g
Solderability
The terminal should at least
The component shall be dipped in a
be 90% covered with solder
melted solder bath at 245 ±5°C for 3 seconds
1. Amplitude: 1.5 m/m
Vibration Test
Component should not
2. Frequency: 10-55-10Hz (1min.)
(Low Frequency)
be damaged
3. Direction: X, Y, Z
4. Duration: 2 Hrs/X, Y, Z
The component should be soldered (232°C ± 5°C
for 10 sec.) to tinned copper substrate
Applied force gauge to the side of component
It must withstand force of 2 or 4 pounds without
failure of the component.
MECHANICAL PERFORMANCE TEST
Items
Requirement
Test Conditions I Test Methods
1. Temp: -40 ±2°C
Low Temperature Storage
2. Time: 1000±48 Hours
3. Component should be tested after 1 hour
at room temperature
Thermal Shock
Total: 5 Cycles
1. Temp: 85 ± 2°C
High Temperature Storage
2. Time: 1000 ± 48 Hours
3. Component should be tested after 1 hour
at room temperature
1. Temp: 40 ± 2°C
Humidity
2. R.H. : 90 — 95%
3. Time: 48 ±2 Hours
1. Temp: 85 ± 2°C
High Temperature Load Life
2. Time: 96 ± 12 Hours
There should be no evidence of
3. Load: Allowed DC Current
short or open circuit
1. Temp: -40 ± 2°C
Low Temperature Load Life
2. Time: 96 ± 12 Hours
3. Load: Allowed DC Current
-25 ± 2ºC
30 MINS
ROOM TEMP
15 MINS
ROOM TEMP
15 MINS
85 ± 2ºC
30 MINS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com