Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2206 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP2206
Description  Wide Operating Voltage Ranges : 2.5V to 6.0V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2206 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP2206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP2206
LP2206–00 Version 1.0 May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Application Information
L
ike any low-dropout regulator, the external
capacitors used with the LP2206 must be carefully
selected for regulator stability and performance.
Using a capacitor whose value is > 2µF on the
LP2206 input and the amount of capacitance can be
increased without limit. The input capacitor must be
located a distance of not more than 0.5 inch from the
input pin of the IC and returned to a clean analog
ground. Any good quality ceramic or tantalum can be
used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance)
provides better PSRR and line-transient response.
The output capacitor must meet both requirements
for minimum amount of capacitance and ESR in all
LDOs application. The LP2206 is designed
specifically to work with low ESR ceramic output
capacitor
in
space-saving
and
performance
consideration. Using a ceramic capacitor whose
value is at least 1µF with ESR is > 25mΩ on
theLP2206 output ensures stability. The LP2206 still
works well with output capacitor of other types due to
the wide stable ESR range. Output capacitor of
larger capacitance can reduce noise and improve
load transient response. The output capacitor should
be located no more than 0.5 inch from the VOUT pin of
the LP2206 and returned to a clean analog ground.
Start-up Function Enable Function
The
LP2206
features
an
LDO
regulator
enable/disable function. To ensure the LDO regulator
will switch on, the EN turn on control level must be
greater than 1.4 volts. The LDO regulator will go into
the shutdown mode when the voltage on the EN pin
falls below 0.4 volts. To protect the system, the
LP2206 have a quick-discharge function. If the
enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO
regulator in a continuously on state mode.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.8V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
Vout=(R1/R2+1) × VFB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com