Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2206 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP2206
Description  Wide Operating Voltage Ranges : 2.5V to 6.0V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2206 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP2206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP2206
LP2206–00 Version 1.0 May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
Function Block Diagram
EN1
EN2
VIN
VOUT1
GND
VOUT2
GND
SHUTDOWN AND
LOGIC CONTROL
VREF
MOS DRIVER
CURRENT-LIMIT
AND THERMAL
PROTECTION
ERROR
AMPLIFIER
VREF
SHUTDOWN AND
LOGIC CONTROL
MOS DRIVER
CURRENT-LIMIT
AND THERMAL
PROTECTION
ERROR
AMPLIFIER
+
+
-
-
FB1
FB2
Absolute Maximum Ratings
Supply Input Voltage-------------------------------------------------------------------------------------------------------- 7V
Power Dissipation, PD @ TA = 25°C
TDFN-8 ------------------------------------------------------------------------------------------------------------------
1.2W
Package Thermal Resistance
TDFN-8, θJA ---------------------------------------------------------------------------------------------------------- 95°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C
Storage Temperature Range ---------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ------------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)------------------------------------------------------ ------------------------------------------------200V
Recommended Operating Conditions
Operation Junction Temperature Range -------------------------------------------------------------- −40°C to 125°C
Operation Ambient Temperature Range----------------------------------------------------------------- −40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com