Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2206 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP2206
Description  Wide Operating Voltage Ranges : 2.5V to 6.0V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2206 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP2206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP2206
LP2206–00 Version 1.0 May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Pin Configurations
VIN
OUT1
GND
OUT2
EN1
FB1
EN2
FB2
1
2
3
4
1
2
3
4
8
7
6
5
GND
9
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
GND
Ground pin.
2
VIN
Input pin.
3
OUT2
Output pin of channel 2.
4
FB2
Feedback pin of channel 2.
5
EN2
Enable pin of channel 2.
6
FB1
Feedback pin of channel 2.
7
OUT1
Output pin of channel 1.
8
EN1
Enable pin of channel 2.
9
GND
Ground pin.
TDFN-8 (Top View)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com