Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2206 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP2206
Description  Wide Operating Voltage Ranges : 2.5V to 6.0V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2206 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP2206 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2206 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP2206
LP2206–00 Version 1.0 May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
2×600mA,Dual Channel Ultra-Fast CMOS LDO Regulator
General Description
The LP2206 is a dual channel, low noise, and low
dropout regulator sourcing up to 600mA at each
channel. The range of output voltage is from 0.81V to
Vin by operating from 2.5V to 5.5V input.
LP2206 offers 2% accuracy, extremely low dropout
voltage (280mV @ 400mA), and extremely low
ground current, only 75μA per LDO. The shutdown
current is near zero current which is suitable for
battery-power devices. Other features include current
limiting, over temperature, output short circuit
protection.
LP2206 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. LP2206 is available in fixed output
voltages in the TDFN-8(2*2mm) package.
Ordering Information
LP2206
F: Pb-Free
QV: TDFN-8
Marking Information
Features
Wide Operating Voltage Ranges : 2.5V to 6.0V
Low-Noise for RF Applications
High PSRR: -68dB at 1kHz
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Dual LDO Outputs (280mV/400mA)
High Output Accuracy 2%
Ultra-low Quiescent Current 75uA
Thermal Shutdown Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Smart mobile phone
Battery-Powered Equipment
DSC Sensor
Wireless Card
Typical Application Circuit
VIN
GND
OUT2
FB2
OUT1
EN1
FB1
EN2
VIN
OUT1
OUT2
OFF
ON
LP2206QVF
R1
R2
R3
R4
22pF
2.2uF
22pF
2.2uF
2.2uF
Device
Marking
Package
Shipping
LP2206
LPS
LP2206
YWX
TDFN-8
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP2206

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-18/28B6F POWER-LP2201-18/28B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-18/33B6F POWER-LP2201-18/33B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-25/28B6F POWER-LP2201-25/28B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-28/12B6F POWER-LP2201-28/12B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
More results

Similar Description - LP2206

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
logo
Wall Industries,Inc.
DCMCW60 WALL-DCMCW60 Datasheet
404Kb / 5P
4 - 1 Ultra Wide Input Voltage Ranges -55C to plus 95C Operating Temperature
logo
NXP Semiconductors
PCF21XXC PHILIPS-PCF21XXC Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com