Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6253
Description  Output to Input Disconnect at Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6253 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
LP6253
LP6253 –00
Version 1.0
Sep.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 11
Operation Information
The LP6253 uses a synchronous 1.4MHz/800KHz
fixed frequency, current-mode regulation architecture
to regulate the output voltage. The LP6253 measures
the output voltage through an external resistive
voltage divider and compares that to the internal
0.5V/0.8V reference to generate the error voltage to
the inductor current to regulate the output voltage.
The
use
of
current-mode
regulation
improves
transient response and control loop stability. The
peak current of the NMOS switch is also sensed to
limit the maximum current flowing through the
switch and the inductor. The typical peak current
limit
is
set
to
7A(LP6253SPF).
An
internal
temperature sensor prevents the device from getting
overheated in case of excessive power dissipation.
The device integrates an N-channel and a P-channel
MOSFET transistor to realize a synchronous rectifier.
Because the commonly used discrete Schottky
rectifier is replaced with a low RDS(ON) PMOS switch,
the power conversion efficiency reaches 96%. To
avoid ground shift due to the high currents in the
NMOS switch, two separate ground pins are used.
The reference for all control functions is the GND
pin. The source of the NMOS switch is connected to
PGND. Both grounds must be connected on the PCB
at only one point close to the GND pin. A special
circuit is applied to disconnect the load from the
input
during
shutdown
of
the
converter.
In
conventional
synchronous
rectifier
circuits,
the
backgate diode of the high-side PMOS is forward
biased in shutdown and allows current flowing from
the battery to the output. This device however uses a
special circuit which takes the cathode of the
backgate
diode
of
the
high-side
PMOS
and
disconnects it from the source when the regulator is
not enabled (EN = low). The benefit of this feature
for the system design engineer is that the battery is
not depleted during shutdown of the converter. No
additional components have to be added to the design
to make sure that the battery is disconnected from the
output of the converter.
Device Enable
The device is put into operation when EN is set high.
It is put into a shutdown mode when EN is set to
GND. In shutdown mode, the regulator
stops
switching, all internal control circuitry including the
low-battery comparator is switched off, and the load
is isolated from the input (as described in the
Synchronous Rectifier Section). This also means that
the output voltage can drop below the input voltage
during shutdown. During start-up of the converter,
the duty cycle and the peak current are limited in
order to avoid high peak currents drawn from the
battery.
Undervoltage Lockout
An under voltage lockout function prevents device
start-up if the supply voltage on VBAT is lower than
approximately
1.5V(LP6253QVF)
&
2.3V(LP6253SPF). When in operation and the
battery is being discharged, the device automatically
enters the shutdown mode if the voltage on VBAT
drops below approximately 1.5 V. This undervoltage
lockout function is implemented in order to prevent
the malfunctioning of the converter.
Softstart(for LP6253QVF)
When the device enables the internal start-up cycle
starts with the first step, the precharge phase. During
precharge, the rectifying switch is turned on until the
output capacitor is charged to a value close to the
input voltage. The rectifying switch current is limited
in that phase. This also limits the output current
under short-circuit conditions at the output. After
charging the output capacitor to the input voltage the
device starts switching. Until the output voltage is
reached, the boost switch current limit is set to 40%
of its nominal value to avoid high peak currents at the
battery during startup. When the output voltage is
reached, the regulator takes control and the switch
current limit is set back to 100%.
Power Save Mode(for LP6253QVF)
The MODE pin can be used to select different
operation modes. To enable power save, MODE must
be set low. Power save mode is used to improve
efficiency at light load. In power save mode the
converter only operates when the output voltage trips
below a set threshold voltage. It ramps up the output
voltage with one or several pulses and goes again
into power save mode once the output voltage
exceeds the set threshold voltage. This power save
mode can be disabled by setting the MODE to
VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com