Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6253
Description  Output to Input Disconnect at Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6253 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary Datasheet
LP6253
LP6253 –00
Version 1.0
Sep.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 11
Low Battery Detection ---- LBI/LBO(for LP6253QVF)
The LP6253 low-battery detector circuit is typically
used to supervise the battery voltage and to generate
an error flag when the battery voltage drops below a
user-set threshold voltage. The function is active only
when the device is enabled. When the device is
disabled, the LBO pin is high-impedance. The
switching threshold is 500 mV at LBI. During normal
operation, LBO stays at high impedance when the
voltage, applied at LBI, is above the threshold. It is
active low when the voltage at LBI goes below 500
mV.
The battery voltage, at which the detection circuit
switches, can be programmed with a resistive divider
connected to the LBI pin. The resistive divider scales
down the battery voltage to a voltage level of 500
mV, which is then compared to the LBI threshold
voltage. The LBI pin has a built-in hysteresis of
10mV, If the low-battery detection circuit is not used,
the LBI pin should be connected to GND (or to
VBAT) and the LBO pin can be left unconnected. Do
not let the LBI pin float.
The recommended value for R2 is therefore in the
range of 500kΩ. From that, the value of resistor R1,
depending on the desired minimum battery voltage
VBAT, can be calculated using:
LP6253QVF:R1=(VBAT/0.5V-1)×R2
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output
voltage
to
the
0.5V(LP6253QVF)/
0.8V(LP6253SPF) feedback voltage. Use a 10K
resistor for R4 of the voltage divider. Determine the
high-side resistor R3 by the equation:
Vout=(R3/R4+1)×VFB
Low-EMI Switch
The device integrates a circuit that removes the
ringing that typically appears on the SW node when
the converter enters discontinuous current mode. In
this case, the current through the inductor ramps to
zero and the rectifying PMOS switch is turned off to
prevent a reverse current flowing from the output
capacitors back to the battery. Due to the remaining
energy that is stored in parasitic components of the
semiconductor and the inductor, a ringing on the SW
pin is induced. The integrated
antiringing switch clamps this voltage to VBAT and
therefore dampens ringing.
Pre-Boost Current and Short Circuit Protect
Initially output voltage is lower than battery voltage,
and the LP6253 enters pre-boost phase. During
pre-boost phase, the internal NMOSFET/PMOSFET
is turned off/on and a constant current is provided
from battery to output until the output voltage close
to the battery voltage. The constant current is limited
by internal controller. If the output short to ground,
the LP6253 also limits the output current to avoid
damage condition.
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40%
of the maximum input current. If the selection is 40%,
the maximum peak inductor current is
The minimum inductance value is derived from the
following equation :
Depending on the application, the recommended
inductor value is between 2.2μH to 10μH.
Input Capacitor Selection
For
better
input
bypassing,
low-ESR
ceramic
capacitors are recommended for performance. A
10μF input capacitor is sufficient for most
applications. A ceramic capacitor or a tantalum
capacitor with a 100nF ceramic capacitor in parallel,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com