Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6253
Description  Output to Input Disconnect at Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6253 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary Datasheet
LP6253
LP6253 –00
Version 1.0
Sep.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 11
Electrical Characteristics
(Vin=3.5V,Vout=5V,Cin=22uF,Cout=22uF,L=2.2uH)
Parameter
Conditions
LP6253
Units
Min
Typ
Max
Supply Voltage
2.6
5.5
V
Output Voltage Range
2.6
5.5
V
Under voltage lockout
LP6253QVF, Vin voltage decreasing.
1.5
V
LP6253SPF, Vin voltage decreasing.
2.3
Supply Current(Shutdown)
VEN= 0V
0.05
1
uA
Supply Current
LP6253QVF,VFB=0.6V
190
uA
Feedback Voltage
LP6253QVF
0.49
0.5
0.51
V
LP6253SPF
0.784
0.8
0.816
Feedback Input Current
VFB=0.6V for LP6253QVF
50
nA
Switching Frequency
LP6253QVF
1200
1400
1600
KHz
LP6253SPF
600
800
1000
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
Power mosfet Current Limit
LP6253SPF
7
A
LP6253QVF
6
A
High-side On Resistance
Vout=5V
55
mΩ
Low-side On Resistance
Vout=5V
55
mΩ
Line regulation
0.6
%
LBI voltage threshold
LP6253QVF, VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
LP6253QVF,
10
mV
LBI input current
LP6253QVF, EN = VBAT or GND
0.01
0.1
uA
LBO output low voltage
LP6253QVF, VO=3.3V
0.04
0.4
V
LBO output low current
LP6253QVF,
100
uA
LBO leakage current
LP6253QVF, VLBO = 7 V
0.01
0.1
uA
Over temperature protection
150
°C
Over temperature hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com