Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6253
Description  Output to Input Disconnect at Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6253 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
LP6253
LP6253 –00
Version 1.0
Sep.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 11
High Efficiency 7A Synchronous Boost Convertor
General Description
The LP6253 is a synchronous current mode boost
DC-DC converter. Its PWM circuitry with built-in
7A(ESOP8) current power MOSFET makes this
converter highly efficient. Selectable high switching
frequency allows faster loop response and easy
filtering with a low noise output. The non-inverting
input its error amplifier is connected to an internal
0.5V(TQFN-16)/0.8V(ESOP8)
precision
reference
voltage.
Current
mode
control
and
internal
compensation network make it easy and flexible to
stabilize the system.
Ordering Information
LP6253 □ □
□
F: Pb-Free
Package Type
SP: ESOP8
QV: TQFN-16
Typical Application Circuit
Features
Up to 96% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Output voltage Up to 5.0V/3A(ESOP8)
Internal Compensation
1.4MHz(TQFN-16) & 800KHz(ESOP8)fixed
frequency switching
High switch on current:7A for LP6253SPF
6A for LP6253QVF
Available in ESOP8 and TQFN-16 Package
Applications
Battery products
Host Products
Panel
Pin Configurations
LX
PG
1
2
3
4
5
6
7
8
EN
ILIM
GND
FB
VOUT
VIN
PGND
9
ESOP8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FB
VOUT
VOUT
VOUT
LX
LX
LX
LX
GND
GND
GND
VIN
EN
LBO
MODE LBI
GND
TQFN-16
Marking Information
Device
Marking
Package
Shipping
LP6253SPF
LP6253QVF
LPS
LP6253
YWX
ESOP8
TQFN-16
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.
LP6253QVF


Similar Part No. - LP6253

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HQVF POWER-LP6253HQVF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HSPF POWER-LP6253HSPF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
More results

Similar Description - LP6253

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com