Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6270 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6270
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6270 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6270 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6270
LP6270QVF Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 1 of 6
High Efficiency, Boost Convertor with Programmable Current Limit
General Description
The LP6270 is a current mode boost DC-DC
converter. Its PWM circuitry with built-in 2.6A Current
power MOSFET makes this converter highly power
efficiently. The non-inverting input its error amplifier is
connected to an internal 0.6V precision reference
voltage. Soft-Start time can be programmed with an
external capacitor, which sets the input current ramp
rate. A built-in charge pump is used to drive the
N-Channel MOSFET that is free of parasitic body
diode to eliminate any reversed current flow across
the switch when it is powered off. Its low quiescent
current (16μA) and small package (QFN-10) is
particularly suitable in battery-powered portable
equipment. Several protection functions include soft
start to limit inrush current during plug-in, current
limiting at 1500mA to meet USB power requirement,
and thermal shutdown to protect damage under over
current conditions.
Order Information
LP6270 □ □
□
F: Pb-Free
Package Type
QFN-10
Features
Up to 94% efficiency
Output to Input Disconnect at Shutdown Mode
Output voltage Up to 5V
Low Quiescent Current:16Ua
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Battery products
Host Products
Panel
Power Switch
USB Device
Battery Charger Circuits
Marking Information
Device
Marking
Package
Shipping
LP6270
LPS
LP6270
xxxx
QFN-10
3K/Set


Similar Part No. - LP6270

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6202AA-B6F POWER-LP6202AA-B6F Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
More results

Similar Description - LP6270

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com