Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6270 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6270
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6270 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6270 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP6270
LP6270QVF Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 2 of 6
Typical Application Circuit
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
FB1
Feedback Reference Voltage Pin. Series connect a resistor between WLED and
ground as a current sense. Sense the current feedback voltage to set the
current rating.
2
GND
Ground Pin
3
SW
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.
4
VDD2
Working Voltage within the Device
5
EN2
Chip Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull
low 100kΩ resistor connected to GND when the control signal is floating.
6
ISET2
Charge Current Set Input.
7
VOUT
Output pin.
8
ISET1
Charge Current Set Input.
9
VDD1
Working Voltage within the Device.
10
EN1
Chip Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull
low 100kΩ resistor connected to GND when the control signal is floating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com