Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6270 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6270
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6270 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6270 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Datasheet
LP6270
LP6270QVF Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 5 of 6
Applications Information
The LP6270 uses a 1.2MHz fixed-frequency, current-mode regulation architecture to regulate the output voltage.
The LP6270 measures the output voltage through an external resistive voltage divider and compares that to the
internal 0.6V reference to generate the error voltage to the inductor current to regulate the output voltage. the use
of current-mode regulation improves transient response and control loop stability.
Current Limitation
The internal power-MOS switch current is monitored cycle-by-cycle and is limited to the value not exceed 2.6A
(Typ.). When the switch current reaches the limited value, the internal power-MOS is turned off immediately until
the next cycle. Keep traces at this pin as short as possible. Do not put capacitance at this pin.
Inductor Selection
For a better efficiency in high switching frequency converter, the inductor selection has to use a proper core
material such as ferrite core to reduce the core loss and choose low ESR wire to reduce copper loss. The most
important point is to prevent the core saturated when handling the maximum peak current. Using a shielded
inductor can minimize radiated noise in sensitive applications. The maximum peak inductor current is the
maximum input current plus the half of inductor ripple current. The calculated peak current has to be smaller than
the current limitation in the electrical characteristics. A typical setting of the inductor ripple current is 20% to 40% of
the maximum input current. If the selection is 40%, the maximum peak inductor current is
The minimum inductance value is derived from the following equation :
Depending on the application, the recommended inductor value is between 2.2μH to 10μH.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com