Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6270 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6270
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6270 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6270 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Datasheet
LP6270
LP6270QVF Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 4 of 6
Absolute Maximum Ratings
Input Voltage to GND -----------------------------------------------------------------------------7V
EN Voltage ------------------------------------------------------------------------------------------0.3V to 7V
Operation Junction Temperature Range ---------------------------------------------------−40°C to 125°C
Maximum Soldering Temperature (at leads, 1 0sec) --------------------------------------300℃
Maximum Power Dissipation (PD) --------------------------------------------------------------0.25W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------- 260°C
Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ.
Max
Units
System Supply Input
Operation voltage Range
VDD
2.7
5.5
V
Under Voltage Lock Out
VDD
2.4
V
Supply Current
IDD
FB=0V, Switching
0.8
1.3
mA
Shut Down Current
IDD
VEN < 0.4V
0.1
1
uA
Line Regulation
VIN : 3.0~4.3V
2
%
Oscillator
Operation Frequency
FOSC
0.8
1.1
MHz
Maximum Duty Cycle
92
%
Feedback Voltage
600
mV
MOSFET
On Resistance of MOSFET
RDS(ON)
0.3
Ω
Protection
Boost OCP
2600
mA
Current Limit OCP
1500
mA
Shut Down Voltage
VEN
0.4
V
Enable Voltage
VEN
1.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com