Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6342 Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 15Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
12 / 15
For the condition where the step-down converter is in
dropout at 100% duty cycle, the total device dissipation
reduces to:
Since RDS(ON), quiescent current, and switching losses all
vary with input voltage, the total losses should be
investigated over the complete input voltage range. Given
the total losses, the maximum junction temperature can be
derived from the θJA for the DFN-10 package which is
45°C/W.
Vout=(R1/R2+1)*VFB
VIN
2.2uH
R2
R1
EN
1
SW
7
FB
5
Vin
2
Vin
3
SW
8
LP6342
Vout_2A
22pF
C1
10uF
C2
22uF
Layout Guidance
When laying out the PC board, the following layout
guideline should be followed to ensure proper operation of
the LP6342:
1. The exposed pad (EP) must be reliably soldered to the
GND plane. A PGND pad below EP is strongly
recommended.
2. The power traces, including the GND trace, the SW trace
and the IN trace should be kept short, direct and wide to
allow large current flow. The L1 connection to the SW pins
should be as short as possible. Use several VIA pads when
routing between layers.
3. The input capacitor (C1) should connect as closely as
possible to IN (Pin 2) and AGND (Pins 6) to get good
power filtering.
4. Keep the switching node, SW (Pins 7 and 8) away from
the sensitive FB/OUT node.
5. The feedback trace or OUT pinshould be separate from
any power trace and connect as closely as possible to the
load point. Sensing along a high-current load trace will
degrade DC load regulation. If external feedback resistors
are used, they should be placed as closely as possible to the
FB pin (Pin 5) to minimize the length of the high
impedance feedback trace.
6. The output capacitor C2 and L1 should be connected as
closely as possible. The connection of L1 to the SW pin
should be as short as possible and there should not be any
signal lines under the inductor.
7. The resistance of the trace from the load return to
PGND should be kept to a minimum. This will help to
minimize any error in DC regulation due to differences in
the potential of the internal signal ground and the power
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com