Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6342 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6342 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
3 / 15
Absolute Maximum Ratings
Input Voltage to GND -----------------------------------------------------------------------------------------
6V
SW to GND (VSW) --------------------------------------------------------------------------
-0.3V to VIN +0.3V
FB to GND (VFB) ----------------------------------------------------------------------------
-0.3V to VIN +0.3V
EN to GND (VEN) ------------------------------------------------------------------------------------
-0.3V to 6V
Operating Temperature Range (TA) --------------------------------------------------------------- -40to 85
Storage Temperature Range (TJ) ----------------------------------------------------------------- -65to 150
Maximum Soldering Temperature (at leads, 10sec) ------------------------------------------------------ 260
ESD Susceptibility
HBN(Human Body Mode) -----------------------------------------------------
2KV
MM(Machine Mode) ------------------------------------------------------------
200V
Electrical Characteristics
(VIN =VEN, Typical values are TA=25)
Symbol
Parameter
Conditions
LP6342
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.5
5.5
V
ΔVLINEREG/ΔVIN Line Regulation
VIN = 2.5V to 5.5V, IOUT = 10mA
0.15
%/
v
ΔVLOADREG/ΔIOUT Load Regulation
Iout=10mA to 2000mA
0.25
%/A
VOUT
Output Voltage Range
0.6
VIN
V
IQ
Quiescent Current
VFB=0V,VIN=4.2V
70
µA
ISHDN
Shutdown Current
EN = GND
1
µA
ILIM
P-Channel Current Limit
3.5
A
RDS(ON)H
High-Side Switch On Resistance
130
m
RDS(ON)L
Low-Side Switch On Resistance
100
m
ISWLEAK
SW Leakage Current
VEN=0V,
VSW=0 or 5V, VIN=5V
1
µA
VFB
Feedback Threshold Voltage
Accuracy
VIN=2.5to5.5V,
IOUT = 10 to 2000mA
0.585
0.6
0.615
V
IFB
FB Leakage Current
VOUT = 1 .0V
30
nA
FOSC
Oscillator Frequency
VFB=0.6V
1.5
MHz
TS
Startup Time
From Enable to Output Regulation
120
µs
TSD
Over-Temperature Shutdown
Threshold
150
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
0.3
1.0
1.5
V
IEN
Input Low Current
VIN = VEN = 5.0V
-1
1
µA
Note: Output Voltage: Vout = 0.6 x (1+R2/R1) Volts;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com