Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6342 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6342 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
2 / 15
Functional Pin Description
2
1
8
7
6
5
4
3
GND
11
10
9
2
1
7
6
5
4
3
10
9
8
FB
PGOOD
VIN
VIN
EN
GND
GND
SW
SW
GND
GND
FB
PGOOD
VIN
VIN
EN
MSOP10
GND
GND
SW
SW
TDFN-10
1
6
5
4
3
2
EN
ESOP8
PGND
9
8
7
SW
GND
FB
VIN
VIN
LP6342
TOP VIEW
GND
GND
LP6342
Pi n Desc ript io n
Pin NO
PIN
DESCRIPTION
TDFN-10 MSOP10 ESOP8
1
1
1
EN
Enable pin. Active high. In shutdown, all functions are disabled drawing <1μA
supply current. Do not leave EN floating.
2, 3
2, 3
2,3
Vin
Supply Input. Power supply input pin. Must be closely decoupled to AGND with a
10μF or greater ceramic capacitor.
4
4
PGOOD
Power good output.
9,10
9,10
5,7,8
GND/PGND
Ground.
5
5
4
FB
Feedback Input. Connect FB to the center point of the external resistor
divider. Normal voltage for this pin is 0.6V.
6
6
GND
Ground.
7, 8
7, 8
6
SW
Switch Mode Connection to Inductor. This pin connects to the drains of the
internal main and synchronous power MOSFET switches.
11
11
9
PAD
Ground pad.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com