Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6342 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6342 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
1 / 15
1.5MHz,
2A Step-down Converter
General Description
The LP6342 is a 1.5MHz constant frequency current
mode PWM step-down converter. It is ideal for portable
equipment requiring very high current up to 2A from
single-cell Lithium-ion batteries while still achieving
over 90% efficiency during peak load conditions. The
LP6342 also can run at 100% duty cycle for low dropout
operation, extending battery life in portable systems
while light load operation provides very low output
ripple for noise sensitive applications.
The LP6342 can supply up to 2A output load current
from a 2.5V to 5.5V input voltage and the output voltage
can be regulated as low as 0.6V. The high switching
frequency minimizes the size of external components
while keeping switching losses low. The internal slope
compensation setting allows the device to operate with
smaller inductor values to optimize size and provide
efficient operation.
The LP6342 is available with adjustable (0.6V to VIN)
output voltage. The device is available in a Pb-free, 3mm
x 3mm 10-lead TDFN or MSOP-10,SOP8(EP) package
and is rated over the-40°C to +85°C temperature range.
Order Information
LP6342
□ □ □
F: Pb-Free
Package Type
QV: TDFN-10
MS: MSOP-10
SP:SOP8(EP)
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.6V to VIN
2A Output Current
Low R(DSON) Internal Switches:130mΩ
High Efficiency :Up to 95%
100% Duty Cycle in Dropout
Low Shutdown Current: < 1 u A
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Thermal Fault Protection
3 m m × 3 m m TDFN-10 or MSOP-10,SOP8(EP)
Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
DSP Core Supplies
Cellular Phone and Smart mobile phone
PDA
GPS Applications
Marking Information
Please see website:www.lowpowersemi.com.
Typical Application Circuit
2.2uH
L1
Vout=(R1/R2+1)*VFB
VIN
R2
R1
EN
1
SW
7
FB
5
Vin
2
Vin
3
SW
8
LP6342
Vout_2A
C1
10uF
C2
22uF


Similar Part No. - LP6342

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-12QVF POWER-LP6341X-12QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-18QVF POWER-LP6341X-18QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-33QVF POWER-LP6341X-33QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-AQVF POWER-LP6341X-AQVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
More results

Similar Description - LP6342

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
Output Voltage Range: 0.6V to VIN
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
Output Voltage Range: 0.6V to VIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com