Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28009 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28009
Description  Internal Integrate P-MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28009 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28009 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Datasheet
LP28009
LP28009 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 12
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input
ACIN UVP Rising Threshold Voltage
VUV_HIGH
4.4
4.5
V
ACIN UVP Hysteresis
VUV_LOW
50
80
120
mV
ACIN Standby Current
ISTBY
VBATT=4.5V
300
500
μA
ACIN Shutdown Current
ISHDN
VEN=HIGH
50
100
μA
ACIN UVP Current
IUVP
VACIN=4V,
VUSB=4V,
VBATT=3V
150
250
μA
BATT Sleep Leakage Current
ISLEEP
VACIN=4V,
VUSB=4V,
VBATT=4.5V
2
5
μA
Voltage Regulation
BATT Regulation Voltage
VREG
IBATT=60mA
4.158
4.2
4.242
V
Regulation Voltage Accuracy
-1
+1
%
ACIN MOSFET
RDS(ON)_ACIN IBATT=500mA
600
mΩ
Current Regulation
ISETA Set Voltage
(Fast Charge Phase)
VISETA
VBATT=3.5V
2.45
2.5
2.55
V
Full Charge Setting Range
ICHG_AC
100
--
1200
mA
ACIN Charge Current Accuracy
ICHG_AC
VBATT=3.8V
RISET=1.5KΩ
--
125
--
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com