Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28009 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28009
Description  Internal Integrate P-MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28009 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28009 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Datasheet
LP28009
LP28009 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 12
Absolute Maximum Ratings
VIN, VBATT, VCHGSB, VPGOOD, VEN
---------------------------------------------------------------------
-0.3V to 15V
Storage Temperature Range------------------------------------------------------------------------------------ -65℃ to 150℃
VISETA
---------------------------------------------------------------------------------------------------------------
-0.3V to 3.6V
Junction Temperature (TJ) ------------------------------------------------------------------------- ---- 150℃
Lead Temperature (soldering,10 sec.) -------------------------------------------------------------------------------------- 260℃
Operating Ratings
Supply Voltage --------------------------------------------------------------------------------------------------------------- 9V to 13.5V
Thermal Resistance(θJA) ------------------------------------------------------------------------------------------------------- 46℃/W
Operating Temperature Range
-------------------------------------------------------------------------------------- -40℃ to 85℃
Electrical Characteristics
(TA=25℃, VIN=10V; unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
Range
9
10
13.5
V
Icc
Input Supply Current
Charge Mode.RSET=30K
300
uA
Standby Mode (Charge Terminated)
250
UA
Shutdown Mode
(RSET Not
Connected VIN < VBATT or VIN <
Vuv)
190
uA
VFLOAT
Regulated
Output(Float)
Voltage
0℃ ≤ TA ≤ 85℃
8.316
8.4
8.484
V
IBATT
BATT Pin Current
RSET=1.5k,Current Mode
500
mA
RSET=0.75k,Current Mode
1000
mA
Standby Mode, VBATT=8.4V
-1
0
1
uA
Shutdown Mode
-1
0
1
uA
Sleep Mode, VIN=0V
-1
0
1
uA
ITRICKLE
Trickle Charge Current
VBATT <VTRICKLE, RSET=1.5K
60
mA
VBATT <VTRICKLE, RSET=0.75K
120
mA
VTRICKLE
Trickle Charge Threshold
Voltage
RSET=1.5K, VBATT Rising
5.8
V
VTRHYS
Trickle Charge Hysteresls
Voltage
RSET=1.5K
250
mV
VMSD
Manual
Shutdown
Threshold Voltage
ISETA Pin Rising
2.15
V
ISETA Pin Falling
2.05
V
VASD
VIN – VBATT Lockout Vin from High to Low
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com