Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28009 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28009
Description  Internal Integrate P-MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28009 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28009 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Datasheet
LP28009
LP28009 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 12
Functional Pin Description
Package Type
Pin Conf ig urations
ESOP- 8
ACIN
CHG_S
PGOOD
GND
BATT
EN
NC
ISETA
1
2
3
5
6
7
8
PGND
9
4
Pin Description
Pin No
Pin Name
Pin Function
1
ACIN
Wall Adaptor Charge Input Supply.
2
CHG_S
Charge Status Indicator Output(Open Drain).
3
PGOOD
Power Good Indicator Output(Open drain).
4
GND
Ground.
5
ISETA
Wall Adaptor supply charge current Set point.
6
EN
Charge Enable Input(active low).
7
NC
No Internal Connection.
8
BATT
Battery Charge Current Output.
This pin provides charge current to the battery and
regulates the final float voltage to 4.2 or 8.4V. An
internal precision resistor divider from this pin sets the
float voltage which is disconnected in shutdown mode.
9
(Exposed
Pad)
PGND
Exposed Pad Should be soldered to PCB Board and
Connected to GND.
Note: LP28009-42SPF and LP28009-84SPF of Battery (Pin8) is output pin, the pin connector to Battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com