Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28009 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28009
Description  Internal Integrate P-MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28009 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28009 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28009 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Datasheet
LP28009
LP28009 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 12
Single and Dual Cell Li+ Battery Charger IC
–LP28009
General Description
The LP28009 is a fully integrated low cost single-cell
and dual cell Li-Ion battery charger IC ideal for
portable applications. The LP28009 is capable of
being powered up from AC adapter. The LP28009
enters sleep mode when AC adapter is removed. The
LP28009 optimizes the charging task by using a
control algorithm including preconditioning mode, fast
charge mode and constant voltage mode. The
charging task is terminated as the charge current
drops below the preset threshold. The AC adapter
charge current can be programmed up to 1.2A with
an external resister. The internal thermal feedback
circuitry regulates the die temperature to optimize the
charge rate for all ambient temperatures. The
LP28009 features 18V maximum rating voltages for
AC adapter. The other features are under voltage
protection, over voltage protection for AC adapter
supply and battery temperature monitoring.
Order Information
LP28009 □ □ □ □ □
F: Pb-Free
Package Type
SP: SOP-8(EP)
Output Voltage
42: 4.2V
84: 8.4V
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
18V Maximum Rating for AC Adapter
Internal Integrate P-MOSFETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Battery Temperature Monitoring
Small 8-Lead SOP(EP) Package
Thermal Feedback Optimizing Charge Rate
ROHS Compliant and 100% Lead (Pb)-Free
Marking Information
Typical Application Circuit
BATTERY
Q1
LPM9013
RED
I/O CTRL
10uF
10uF
PGOOD
3
CHRG_S
2
GND
4
ISETA
5
ACIN
1
EN
6
BATT
8
NC
7
GND
9
LP28009-42SPF
VIN
Q8
LPM9013
RED
I/O CTRL
10uF
10uF
VIN
PGOOD
3
CHRG_S
2
GND
4
ISETA
5
ACIN
1
EN
6
BATT
8
NC
7
GND
9
LP28009-84SPF
BATT
Device
Marking Package
Shipping
LP28009
SP:SOP-8 3K/REEL


Similar Part No. - LP28009

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28006 POWER-LP28006 Datasheet
660Kb / 11P
Internal Integrate P-MOSFETs
LP28007 POWER-LP28007 Datasheet
1Mb / 11P
Internal Integrate P-MOSFETs
More results

Similar Description - LP28009

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
P-CHANNEL POWER MOSFETS
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM Datasheet
164Kb / 18P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_13 Datasheet
280Kb / 24P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207700GBM RENESAS-RAA207700GBM_15 Datasheet
292Kb / 26P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_15 Datasheet
280Kb / 24P
Synchronous Buck Regulator with Internal Power MOSFETs
logo
Lowpower Semiconductor ...
LP28006 POWER-LP28006 Datasheet
660Kb / 11P
Internal Integrate P-MOSFETs
LP28007 POWER-LP28007 Datasheet
1Mb / 11P
Internal Integrate P-MOSFETs
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
20V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com