Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 17
Absolute Maximum Ratings
Input Voltage to GND (VIN) --------------------------------------------------------------------------------------------- 20V
ACDRV, BS-------------------------------------------------------------------------------------------------------------------26V
ACP, ACN, CMS, STAT, BATDRV, SRP, SRN ,SW --------------------------------------------0.3V to VIN+0.3V
REGN, TS, CELL------------------------------------------------------------------------------------------------- -0.3Vto 7V
BAT Short-Circuit Duration ------------------------------------------------------------------------------------- Continuous
BAT Pin Current ----------------------------------------------------------------------------------------------------- 3000mA
ISET Pin Current -------------------------------------------------------------------------------------------------------- 800µA
Maximum Junction Temperature ------------------------------------------------------------------------------------- 125°C
Operating Junction Temperature Range (TJ) ------------------------------------------------------------ -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------------ 260°C
Thermal Information
Maximum Power Dissipation (PD,TA<40°C) ------------------------------------------------------------------------- 2W
Thermal Resistance (JA) ----------------------------------------------------------------------------------------- 40℃/W
Electrical Characteristics
4.5V≤V(PVCC, AVCC)≤15V, –20°C < TJ + 125°C, typical values are at TA= 25°C, with respect to AGND (unless otherwise noted)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
VIN
Adapter/USB Voltage Range
4.5
5
15
V
VUVLO
AC under-voltage rising
Measure on AVCC
3.3
V
VUVLO_HYS
AC under-voltage
300
mV
VSLEEP
SLEEP mode threshold
VAVCC – VSRN falling
100
mV
VSLEEP_HYS
Hysteresis
VAVCC – VSRN rising
200
mV
VACSET
ACSET Voltage Range
RSENSE = 20mΩ
0
VREF
V
IACSET
ACSET Input Bias Current
25
-25
uA
VACP-ACN
AC Current Full Scale
Sense Voltage
VACSET=VREF,
RSENSE = 20mΩ
95
100
105
mV
VACSET=Float,
RSENSE = 20mΩ
71
75
79
mV
VACSET=GND,
RSENSE = 20mΩ
46
50
54
mV
Icc
Input Supply Current
VAVCC > VUVLO, VAVCC >
VSRN, VBAT=4.2V/8.4V,
Charge disabled
1.2
1.5
mA
VAVCC > VUVLO, VAVCC >
VSRN, Charge
enabled, switching
15
mA
IBAT
BAT Pin Current
Sleep Mode,
VAVCC>VUVLO,VSRN>VAVCC
15
uA
BTST,
SW,
SRP,
SRN,
VAVCC > VUVLO,
VAVCC > VSRN, ISET < 40mV,
VBAT=4.2V/8.4V,
Charge disabled
25
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com