Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 17
Pin Description
PIN
PIN
NO.
DESCRIPTION
CMS
1
Connect to common source of Nch ACFET and reverse blocking Nch RBFET. Place 4K resistor from
CMS pin to the common source of ACFET and RBFET to control the turn-on speed.
ACDRV
2
AC adapter to system switch driver output.
AVCC
3
IC power supply of internal bias. Put 1uF MLCC from AVCC to AGND. Add 10Ω resistor to filter the noise
of power line.
VREF
4
3.3V reference output. A 1uF MLCC is placed from VREF to GND to make it stable.
TS
5
NTC resistor connection.
ISET
6
Fast charge current set pin.
CELL
7
Cell selection pin. Set CELL pin LOW or floating for 2-cell, HIGH for 1-cell.
STAT
8
Open-Drain Charge Status Output.
SRN
9
Charge current sense negative input.
SRP
10
Charge current sense positive input. A 0.1-uF is recommended for common mode filtering from SRP to
AGND. A 0.1uF is placed from SRP to SRN for differential mode filtering.
GND
11
Power ground.
REGN
12
5V power supply output, Bypass 1uF MLCC to AGND.
SW
13.14
Switching node, charge current output inductor connection. Connect a 47-nF BS capacitor from SW
to BS.
PVCC
15.16 IC power supply of power device of Charger. Put 10uF MLCC from PVCC to PGND.
BS
17
Boostrap pin. Place a 0.047u-F MLCC from SW to BS.
BATDRV 18
Battery discharge MOSFET gate driver output. Connect a 1kohm resistor to the gate of the P-channel
power MOSFET(BATFET). Connect the source of the BATFET to the system load voltage node.
Connect the drain of the BATFET to the battery pack positive node. The internal
gate drive is asymmetrical to allow a quick turn-off and slower turn-on. The internal
break-before-make logic with respect to ACDRV. There is an internal 50k pull-down resistor from
BATDRV to ground.
ACN
19
Adaptor current sense resistor negative input. A 0.1-uF from ACN to AGND is recommended for common
mode filtering. A 0.1uF is placed from ACN to ACP for differential mode filtering.
ACP
20
Adaptor current sense resistor positive input. A 0.1-uF from ACP to AGND is recommended for common
mode filtering. A 0.1uF is placed from ACN to ACP for differential mode filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com